PART |
Description |
Maker |
LTC3415 |
7A, PolyPhase Synchronous Step-Down Regulator
|
Linear Technology Corporation
|
LTC1629-6 LTC1629EG-6 |
PolyPhase, Synchronous Step-Down Switching Regulator PolyPhase, Synchronous
Step-Down Switching Regulator
|
Linear Technology
|
LTC3729L-6 LTC3729LEUH-6 |
PolyPhase, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
ADE7752BARWZ-RL |
Polyphase Energy Metering IC with Pulsed Output
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MB3883 MB388302 MB3883PV MB3883PFV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down DSC/Camcoder DC/DC Converters
|
FUJITSU[Fujitsu Media Devices Limited]
|